Part Number Hot Search : 
2412D M50V6 MP4460DQ 7MD9A CY7B9911 OPI1264 74F835 CSD2425
Product Description
Full Text Search
 

To Download STGP10N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STGP10N60L
N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT
TYPE STGP10N60L
s
V CES 600 V
V CE(sat ) < 1.95 V
IC 10 A
s s
s s
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN) VERY LOW ON-VOLTAGE DROP (Vcesat) LOW THRESHOLD VOLTAGE (LOGIC LEVEL INPUT) HIGH CURRENT CAPABILITY OFF LOSSES INCLUDE TAIL CURRENT
1
3 2
APPLICATIONS s ELECTRONIC IGNITION s LIGHT DIMMER s STATIC RELAYS
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol V CES V ECR V GE IC IC I CM (*) P tot T s tg Tj Parameter Collector-Emitter Voltage (VGS = 0) Reverse Battery Protection G ate-Emitter Voltage Collector Current (continuous) at Tc = 25 C Collector Current (continuous) at Tc = 100 C Collector Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Storage T emperature Max. Operating Junction Temperature
o o o
Value 600 25 15 25 20 100 125 0.83 -65 to 175 175
Un it V V V A A A W W /o C
o o
C C
(*) Pulse width limited by safe operating area
June 1999
1/8
STGP10N60L
THERMAL DATA
R thj -case R thj -amb R thc-sink Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Max Max T yp 1.2 62.5 0.1
o o
C/W C/W o C/W
ELECTRICAL CHARACTERISTICS (Tj = - 40 to 150 oC unless otherwise specified) OFF
Symbo l V BR(c es) I CES IGES Parameter Collector-Emitt er Breakdown Voltage Collector cut-off (V GE = 0) Gate-Emitter Leakage Current (VCE = 0) Test Con ditions I C = 250 A V GE = 0 T j = 25 oC o T j = 125 C V CE = 0 Min. 600 25 100 100 Typ. Max. Unit V A A nA
V CE = Max Rating V CE = Max Rating V GE = 15 V
ON ()
Symbo l V GE(th) V CE(SAT ) Parameter Gate Threshold Voltage Collector-Emitt er Saturation Voltage Collector Current V CE = V GE V CE = V GE V GE = 4.5 V V GE = 4.5 V V GE = 4.5 V V GE = 4.5 V Test Con ditions IC = 250 A I C = 250 A T j = 25 oC IC = 8 A T j = - 40 oC IC = 9.5 A Tj = 25 o C IC = 8 A T j = 150 o C V CE = 7 V 15 Min. 0.6 1.0 1.5 1.4 1.25 45 Typ. Max. 2.4 2.0 2.0 Unit V V V V V A
IC
DYNAMIC
Symbo l gf s C i es C o es C res QG Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Charge Test Con ditions V CE =25 V V CE = 25 V IC = 8 A f = 1 MHz Tj = 25 C
o
Min. 7
Typ. 12 1800 120 19 30
Max.
Unit S
V GE = 0
2600 165 26
pF pF pF nC
V CE = 400 V
IC = 8 A
V GE = 5 V
FUNCTIONAL CHARACTERISTICS
Symbo l I CL E CF E AR Parameter Latching Current Forward Clamping Energy Reverse Avalanche Energy Test Con ditions V clamp = 480 V T j = 125 o C dV/dt = 200 V/s Min. 20 210 10 Typ. Max. Unit A mJ mJ
T start = 55 o C V cl amp = 480 V I C = 10 A L = 4.2 mH - Single Pulse
2/8
STGP10N60L
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr (di/dt) on Eo n Parameter Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Test Con ditions V CC = 480 V V GE = 5 V V CC = 480 V R G = 1 K T j = 125 o C IC = 8 A R G = 1 K IC = 8 A V GE = 5 V Min. Typ. 0.7 1.9 5 2.5 Max. Unit s s A/s mJ
SWITCHING OFF
Symbo l tc t r (v off ) tf E o ff(**) tc t r (v off ) tf E o ff(**) Parameter Test Con ditions IC = 8 A V GE = 5 V Min. Typ. 4 2.5 1.5 9.0 6 3.3 2.5 10.8 Max. Unit s s s mJ s s s mJ
Cross-O ver Time V CC = 480 V Off Voltage Rise Time R GE = 1 K Fall T ime T j = 25 o C Turn-off Switching Loss Cross-O ver Time V CC = 480 V Off Voltage Rise Time R GE = 1 K Fall T ime T j = 125 o C Turn-off Switching Loss
IC = 8 A V GE = 5 V
(*) Pulse width limited by safe operating area () Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (**)Losses Include Also The Tail (Jedec Standardization)
Safe Operating Area
Thermal Impedance
3/8
STGP10N60L
Output Characteristics Transfer Characteristics
Transconductance
Collector-Emitter On Voltage vs Temperature
Collector-Emitter On Voltage vs Collector Current
Capacitance Variations
4/8
STGP10N60L
Gate Charge vs Gate-Emitter Voltage Latching Current vs Rg
Gate Threshold vs Temperature
Off Losses vs Collector Current
Off Losses vs Gate Resistance
Off Losses vs Temperature
5/8
STGP10N60L
Switching Off Safe Operatin Area
Fig. 1: Gate Charge test Circuit
Fig. 2: Switching Times Test Circuit For Resistive Load
Fig. 3: Test Circuit For Inductive Load Switching
6/8
STGP10N60L
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
STGP10N60L
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STGP10N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X